Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 56Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 57Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 58Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 59Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 60Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 61Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Analog Integrated Circuit Device Data
60
Freescale Semiconductor
33742
TYPICAL APPLICATIONS
POWER-UP AND VDD GOING LOW WITH SLEEP MODE AS DEFAULT LOW POWER MODE IS SELECTED
The first part of Figure 35 is identical to Figure 34. If VDD is pulled below the VDD under-voltage reset (typ 4.6V), say by an
over-current or short-circuit (for instance, short to 4.0V), and if the low power mode previously selected was Sleep mode and if
the BATFAIL flag has been cleared, the 33742 enters in Reset mode for a time period of 100ms. The WDOG pin stays HIGH,
but the high level (VOH) follows VDD level. The RST and INT pins are low. After 100ms the 33742 goes into Sleep mode, and
the VDD and V2 are off.
Figure 35 shows an example wherein VDD is shorted to 4.0V, and after 100ms the 33742 enters Sleep mode.
.
Figure 35. Under-voltage at VDD. Sleep mode selected.
Figure 36. CAN Bus Standard Termination
Figure 37. CAN Bus Split Termination
VDD
SPI (CS)
WD
RST
INT
Watchdog Refresh
Under-voltage at VDD
SBC in
Reset
mode
& Reset modes
Reset each 350ms
mode
Reset mode
100ms
SBC in Normal Request
SBC in Normal
SBC in Sleep mode
SBC in Reset mode for
100ms, then enter
Sleep mode
R5
CL
CANL (33742)
CH
CANH (33742)
CAN Connector
CANL
CANH
Legend
R5: 60
Ω
CL, CH: 220pF
R6
CL
CANL (33742)
CH
CANH (33742)
CAN Connector
R7
CS
CANH
CANL
Legend
R6, R7: 30
Ω
CL, CH: 220pF
CS: > 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com