Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 3Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 4Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33742
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 4. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage at VSUP
Continuous (Steady-state)
Transient Voltage (Load Dump)
VSUP
-0.3 to 27
-0.3 to 40
V
Logic Signals
(RXD, TXD, MOSI, MISO, CS, SCLK, RST, WDOG, and INT)
VLOG
-0.3 to VDD + 0.3
V
Output Voltage at VDD
VDD
0.0 to 5.3
V
Output Current at VDD
IDD
Internally Limited
A
HS
Voltage
Output Current
VHS
IHS
-0.3 to VSUP + 0.3
Internally Limited
V
A
ESD Capability, Human Body Model(1)
MC33742 in 28-pin SOIC
HS, L0, L1, L2, L3, CANH, CANL pins
All Other pins
MC33742 in 48-pin QFN
All pins
VESD1
±4000
±2000
±2000
V
ESD Capability, Machine Model(1)
VESD2
±200
V
Input Voltage/Current at L0, L1, L2, L3
DC Input Voltage
DC Input Current
Transient Input Voltage attached to external circuitry(2)
VDCIN
IDCIN
VTRINEC
-0.3 to 40
±2.0
±100
V
mA
V
CANL and CANH
Continuous Voltage
Continuous Current
VCANH/L
ICANH/L
-27 to 40
200
V
mA
CANH and CANL Transient Voltage (Load Dump)(3)
VLDH/L
40
V
CANH and CANL Transient Voltage(3)
VTRH/L
±40
V
Notes
1.
Testing done in accordance with the Human Body Model (CZAP=100pF, RZAP=1500Ω), Machine Model (CZAP=200pF, RZAP=0Ω).
2.
Testing done in accordance with ISO 7637-1. See Figure 5.
3.
Load dump testing done in accordance with ISO 7637-1, Transient test done in accordance with ISO 7637-1. See Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com