Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 64Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 65Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 66Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 67Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 68Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 69Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 70Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
33742
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
3
2/2006
• Converted to Freescale format
• Implemented Revision History page
4
6/2006
• Added Thermal Addendum (Rev. 1.0)
• Changed Data Sheet from “Advanced” to “Final”
5
8/2006
• Added MCZ33742EG/R2 and MCZ33742SEG/R2 to the Ordering Information block
6
8/2006
• Replaced label for Logic Inputs to Logic Signals (RXD, TXD, MOSI, MISO, CS, SCLK, RST,
WDOG, and INT) on page 7
7
10/2006
• Removed all references to the 54 pin package.
• Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter from
Maximum Ratings on page 7. Added note with instructions from www.freescale.com.
8
2/2007
• Revised () and (),
• Restated notes in Maximum Ratings on page 7
9
3/2007
• Text corrections to the included thermal addendum
10
5/2007
• Added EP 48 pin QFN package
• Added 98ARH99048A Package drawing
• Added PCZ33742EP/R2 to the ordering information
11
6/2008
• Made changes defining RXD as a push-pull structure on page 16, 23, 38, and 39
• Updated figures Figure 12 and Figure 25
• Added provisions of differentiation for 28-pin SOIC and 48-pin QFN for ESD Capability,
Human Body Model(1) on page 7, Watchdog Period Normal and Standby Modes on page 18,
and Normal Request Mode Timeout on page 18
• Update the Freescale format and style to the current standards
• Added the Functional Internal Block Description section
• Changed PCZ33742EP/R2 to MC33742EP/R2 in the ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com