Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 57Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 58Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 59Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 60Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 61Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 64Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
61
33742
PACKAGING
PACKAGE AND THERMAL CONSIDERATIONS
PACKAGING
PACKAGE AND THERMAL CONSIDERATIONS
The 33742 SBC is a standard surface mount 28-pin SOIC wide body. In order to improve the thermal performances of the
SOIC package, eight of the 28 pins are internally connected to the package lead frame for heat transfer to the printed circuit
board.
PACKAGING DIMENSIONS
Important
For the most current revision of the package, visit www.freescale.com and perform a keyword search on the 98A
drawing number below.
DW SUFFIX
EG SUFFIX (PB-FREE)
28-LEAD SOICW
98ASB42345B
ISSUE G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com