Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 64Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 65Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 66Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 67Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 68Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 69Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 70Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
Analog Integrated Circuit Device Data
68
Freescale Semiconductor
33742
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 40. Device on Thermal Test Board RθJA
Figure 41. Transient Thermal Resistance RθJA,
1 W Step response, Device on Thermal Test Board Area A = 600 (mm2)
0
10
20
30
40
50
60
70
80
Heat spreading area A [mm²]
0
300
600
RθJA
x
0.1
1
10
100
1.00E-03 1.00E-02 1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
RθJA
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com