Electronic Components Datasheet Search
  English  ▼

X  

33811 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33811 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33811
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage (continuous)
VPWR
VDD
VSPI
VPWR
VDD
VSPI
-1.5 to 25
-0.3 to 7.0
-0.3 to 7.0
VDC
Supply Voltage (transient) on VPWR
VPWRMAX
-1.5 to 50
VDC
CS,
SI, SO, SCLK, RESET
–
-0.3 to VSPI
VDC
Solenoid Monitor Inputs Maximum Voltage (5ms. maximum duration)
VINJMXMAX
64
VDC
Frequency of SPI Operation (VDD = 5.0V)(1)
–
3.2
MHz
ESD Voltage(2)
Human Body Model(3)
Machine Model
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Peak Package Reflow Temperature During Reflow(4), (5)
TPPRT
Note 5
°C
Storage Temperature
TSTG
-55 to 150
°C
Operating Ambient Temperature
TA
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Notes
1.
This parameter is guaranteed by design but is not production tested.
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (Per AEC-Q100-002, CZAP = 100pF, RZAP = 1500Ω) and
the Machine Model (MM) (Per AEC-Q100-002, CZAP = 200pF, RZAP = 0Ω). ESD data available upon request.
3.
All pins when tested individually.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com