Electronic Components Datasheet Search
  English  ▼

X  

33811 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33811
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 7. Functional Internal Block Diagram
POWER SUPPLY AND OSCILLATOR
The 33811 is designed to operate from 10.5V to 15.5V on
the VPWR pin. The VPWR pin supplies power to the internal
regulator which, in turn, supplies the analog circuit blocks.
The VDD Supply is used internally to supply the logic
circuitry. The VSPI supply is used for setting the SPI
communication threshold levels by supplying power to the
SO driver and the SI and CS input buffers. The on-chip
oscillator is used to set the solenoid sample period window
and sample rate.
MCU INTERFACE:
The 33811 device directly interfaces to a 3.3V or 5.0V
micro controller unit (MCU) using 16 bit Serial Peripheral
Interface (SPI) protocol. SPI serial clock frequencies up to
3.2MHz may be used when programming and reading output
status information. The RESET pin is used to place the 33811
into the Reset Mode. Normally the RESET pin is held at logic
0 by the MCU. When the MCU raises the RESET pin to a
logic 1, the 33811 enters the reset Mode. The reset initializes
the 5 fault outputs.
SOLENOID MONITORS: SOLM1 - SOLM5
These are the five solenoid monitor inputs that are
connected to the external solenoid driver output pins. The IC
has the ability to determine the correct movement of solenoid
armatures by analyzing the variation in the voltage profile,
across the solenoid driver MOSFET, which represents the
actual solenoid current profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com