Electronic Components Datasheet Search
  English  ▼

X  

33811 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33811 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33811
ELECTRICAL CHARACTERISTICS
MICROCONTROLLER PARAMETRICS
MICROCONTROLLER PARAMETRICS
SPI - MCU INTERFACE DESCRIPTION
The 33811 device directly interfaces to a 3.3V or 5.0V
micro controller unit (MCU) using 16 bit Serial Peripheral
Interface (SPI) protocol. SPI serial clock frequencies up to
3.2MHz may be used when programming and reading output
status information (production tested at 3.2MHz). Figure 5
illustrates the serial peripheral interface (SPI) configuration
between an MCU and one 33811.
Command data is sent to the 33811 device through the SI
input pin. As data is being clocked into the SI pin, status
information is being clocked out of the device by the SO
output pin. The response data received by the MCU during
SPI communication depends on the previous SPI message
sent to the device. Next SO response data is listed at the
bottom of each command table.
SPI Integrity Check
Checking the integrity of the SPI communication with the
initial power-up of the VDD and RESET pins is
recommended. After initial system start-up or reset, the MCU
will write one 16-bit pattern to the 33811. The first 8 bits read
by the MCU will be the fault status (SO message 1) of the
outputs. The second 8 bits will be the same bit pattern sent
by the MCU. By the MCU receiving the same bit pattern it
sent, bus integrity is confirmed. The second 16-bit pattern the
MCU sends to the device is the a command word and will be
operated on by the device accordingly on rising edge of CS.
Important A SCLK pulse count strategy has been
implemented to ensure integrity of SPI communications. SPI
messages consisting of 16 SCLK pulses and multiples of
8 clock pulses thereafter will be acknowledged. SPI
messages consisting of other than 16 + multiples of 8 SCLK
pulses will be ignored by the device.
Figure 5. SPI Interface with Microprocessor
Two or more 33811 devices may be used in a module
system. Multiple ICs may be SPI-configured in parallel or
serial. Figures 6 shows the configurations. When using the
serial configuration, 32-clock cycles are required to transfer
data in/out of the ICs.
Figure 6. SPI Parallel Interface with Microprocessor
33811
Microcontroller
Receive
Buffer
Parallel
Ports
Fault Bits
16-Bit Shift Register
Shift Register
MOSI
SI
MISO
SO
SCLK
CS
Parallel
Ports
Microcontroller
33811
33811
SI
SCLK
CS
SI
SO
SCLK
CS
SCLK
MISO
MOSI
Shift Register
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com