Electronic Components Datasheet Search
  English  ▼

X  

33811 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33811 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33811
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0V
≤ VPWR ≤ 17V, -40°C ≤ TA ≤ 125°C, GND = 0V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR, IPWR, IVDD, VDD, IDD)
Analog Supply Voltage Range
Fully Operational
VPWR(FO)
10.5
–
15.5
V
Digital Logic Supply Voltage Range
Fully Operational
VDD(FO)
4.75
5.0
5.25
V
SPI Voltage Supply Voltage Range
Fully Operational
VSPI(FO)
3.0
3.3
5.0
5.25
V
Supply Current from VPWR
All Outputs Disabled (Normal & Default Mode) VPWR = 17V
IPWR(ON)
–
1.0
5.0
mA
Supply Current from VDD
All Outputs Disabled (Normal & Default Mode) VDD = 5.5V
IDD(ON)
1.0
5.0
mA
Positive Threshold Voltage Point A (10.5V < = VPWR < = 15.5V)
V+TH_A
0
0.5
1.0
mV
Positive Threshold Voltage Point A with Offset
(10.5V < = VPWR < = 15.5V)
V+TH_A_OFFSET
1.5
mV
Positive Threshold Voltage Point B(10.5V < = VPWR < = 15.5V)
V+TH_B
1.5
3.0
4.5
mV
Negative Threshold Voltage (10.5V < = VPWR < = 15.5V)
V-TH
0
-0.5
-1.0
mV
Negative Threshold Voltage with Offset
(10.5V < = VPWR < = 15.5V)
V-TH_OFFSET
-1.5
mV
Logic Supply Voltage
VDD
3.0
–
5.5
V
Logic Supply Current
Static Condition
IDD
250
400
700
μA
SPI DIGITAL INTERFACE (VIH, VIL, VHYS, CIN, LOGICSS)
Input Logic High-voltage Thresholds (8)
VIH
0.7 x VSPI
–
VSPI + 0.3
V
Input Logic Low-voltage Thresholds (8)
VIL
GND - 0.3
–
0.2 x VSPI
V
Input Logic Voltage Hysteresis (8)
VHYS
100
–
300
mV
Input Logic Capacitance (9)
CIN
–
–
20
pF
Notes
6.
Output fault detection thresholds with outputs programmed OFF. Output fault detect thresholds are the same for output open and shorts.
7.
This parameter is guaranteed by design, however is not production tested.
8.
Parameter applies to SI, RESET, CS and is guaranteed by design.
9.
Undervoltage thresholds minimum and maximum include hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com