Electronic Components Datasheet Search
  English  ▼

X  

33811 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33811 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33811
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Normal Mode Input Logic Pull-down Current 0.8V to 5.0V
(SI)
ISPIPD
5.0
10
25
μA
CS, RESET Pull-up Current
(CS, RESET = 0)
IDEFAULTPU
-5.0
-10
-25
μA
SCLK, Tri-state SO Output
0.0 V to 5.0 V
ISCK, ITRISO
-10
–
10
μA
CS
Input Current
CS
= VSPI
ICS
-10
–
10
μA
CS
Leakage Current to VSPI
CS
= 5.0V, VSPI = 0.0V
ICS(LKG)
–
–
10
μA
SO High-State Output Voltage
ISOHIGH = -1.0mA
VSOHIGH
VSPI - 0.4
–
–
V
SO Low-State Output Voltage
ISOLOW = 1.0 mA
VSOLOW
–
–
0.4
V
Solenoid Monitor Input Pull-up Current
(VSOLM = 0V)
ISOLM_PU
-2.5
-5
-12.5
μA
Solenoid Monitor Input Leakage Current
(VSOLM = 64V)
ISOLM_LKG
-10
–
10
μA
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0V
≤ VPWR ≤ 17V, -40°C ≤ TA ≤ 125°C, GND = 0V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com