Electronic Components Datasheet Search
  English  ▼

X  

33912 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33912
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
LIN PHYSICAL LAYER
The LIN bus pin provides a physical layer for single-wire
communication in automotive applications. The LIN physical
layer is designed to meet the LIN physical layer specification
and has the following features:
• LIN physical layer 2.0 compliant
• Slew rate selection
• Over-current shutdown
• Over-temperature shutdown
• LIN pull-up disable in Stop and Sleep Modes
• Advanced diagnostics
• LIN dominant voltage level selection
The LIN driver is a low side MOSFET with over-current
and thermal shutdown. An internal pull-up resistor with a
serial diode structure is integrated, so no external pull-up
components are required for the application in a slave node.
The fall time from dominant to recessive and the rise time
from recessive to dominant is controlled. The symmetry
between both slopes is guaranteed.
LIN Pin
The LIN pin offers a high susceptibility immunity level from
external disturbance, guaranteeing communication during
external disturbance.
Figure 19. LIN Interface
Slew Rate Selection
The slew rate can be selected for optimized operation at
10.4 and 20kBit/s as well as a fast baud rate for test and
programming. The slew rate can be adapted with the bits
LSR1:0 in the LIN Control Register (LINCR). The initial slew
rate is optimized for 20kBit/s.
LIN Pull-up Disable In Stop And Sleep Modes
In cases of a LIN bus short to GND or LIN bus leakage
during low-power mode, the internal pull-up resistor on the
LIN pin can be disconnected by clearing the LINPE bit in the
Mode Control Register (MCR). The LINPE bit also changes
the Bus wake-up threshold (VBUSWU).
This feature will reduce the current consumption in STOP
and SLEEP Modes. It also improves performance and safe
operation.
High-voltage
High Side
RXONLY
MOD1:2
LSR0:1
LINPE
LDVS
INTERRUPT
CONTROL
MODULE
LIN – DRIVER
Slope and Slew Rate Control
Over-current Shutdown (interrupt maskable)
Over-temperature Shutdown (interrupt maskable)
VS1
WAKE-UP
RXSHORT
LINOC
TXDOM
LINOT
LIN
FILTER
SLOPE
CONTROL
30K
LGND
LIN
RECEIVER
TXD
RXD
Interrupt
Shutdown
Wake-up
WAKE-UP
MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com