Electronic Components Datasheet Search
  English  ▼

X  

33912 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 47Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33912
TYPICAL APPLICATION
LOGIC COMMANDS AND REGISTERS
TYPICAL APPLICATION
The 33912 can be configured in several applications. The figure below shows the 33912 in the typical Slave Node Application.
Voltage Regulator
SPI
&
CONTROL
Reset
Control Module
LVR, HVR, HTR, WD,
Window
Watchdog Module
LIN Physical Layer
5V Output Module
HS1
LS2
HVDD
VSENSE
ISENSEL
Analog Input Module
Digital Input Module
LIN
RXD
ADOUT0
SCLK
MOSI
MISO
TXD
CS
Wake Up Module
Current Sense Module
Interrupt
Control Module
LVI, HVI, HTI, OCI
Low Side Control
Module
VBAT Sense Module
L4
L3
L2
L1
HS2
LS1
ISENSEH
PGND
Chip Temp Sense Module
PWMIN
High Side Control
Module
MCU
RST
IRQ
ADOUT1
AGND
VDD
A/D
A/D
SCI
SPI
TIMER
RST
VDD
IRQ
C4
C3
R7
C2
C1
D1
V
R1
R4
Analog Input
Analog Input
R5
C6
LIN
R2
R3
Hall Sensor Supply
HB Type Relay
R6
Motor Output
C5
BAT
Typical Component Values:
C1 = 47µF; C2 = C4 = 100nF; C3 = 10µF; C5 = 4.7µF; C6 = 220pF
R1 = 10k
Ω; R2 = R3 = 10kΩ; R4 = R5 = 33kΩ; R6 = 20Ω; R7 = 20kΩ-200kΩ
Recommended Configuration of the not Connected Pins (NC):
Pin 28 = this pin is not internally connected and may be used for PCB routing
optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com