Electronic Components Datasheet Search
  English  ▼

X  

33912 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE AMPLIFIER (ISENSEH, ISENSEL)
Gain
CSGS (Current Sense Gain Select) = 0
CSGS (Current Sense Gain Select) = 1
G
29
14
30
14.5
31
15
Differential Input Impedance
CSGS (Current Sense Gain Select) = 0
CSGS (Current Sense Gain Select) = 1
DIFF
2.0
5.0
10
20
30
50
k
Ω
Common Mode Input Impedance
CSGS (Current Sense Gain Select) = 0
CSGS (Current Sense Gain Select) = 1
CM
75
75
–
–
300
300
k
Ω
ISENSEH, ISENSEL Input Voltage Range
VIN
-0.2
–
3.0
V
Input Offset Voltage
CSAZ (Current Sense Auto Zero) = 0
CSAZ (Current Sense Auto Zero) = 1
VIN_OFFSET
-15
-2.0
–
–
15
2.0
mV
RXD OUTPUT PIN (LIN PHYSICAL LAYER) (RXD)
Low-state Output Voltage
IOUT = 1.5mA
VOL
0.0
–
0.8
V
High-state Output Voltage
IOUT = -250µA
VOH
VDD -0.8
–
VDD
V
TXD INPUT PIN (LIN PHYSICAL LAYER) (TXD)
Low-state Input Voltage
VIL
-0.3
–
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD +0.3
V
Pin Pull-up Current, 0V < VIN < 3.5V
IPUIN
10
20
30
µA
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com