Electronic Components Datasheet Search
  English  ▼

X  

33912 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
L1, L2, L3 AND L4 INPUT PINS (L1, L2, L3, L4)
Low Detection Threshold
5.5V < VSUP < 27V
VTHL
2.0
2.5
3.0
V
High Detection Threshold
5.5V < VSUP < 27V
VTHH
3.0
3.5
4.0
V
Hysteresis
5.5V < VSUP < 27V
VHYS
0.5
1.0
1.5
V
Input Current(36)
-0.2V < VIN < VS1
IIN
-10
–
10
µA
Analog Input Impedance(37)
RLXIN
800
1550
–
k
Ω
Analog Input Divider Ratio (RATIOLx = VLx / VADOUT0)
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
RATIOLX
0.95
3.42
1.0
3.6
1.05
3.78
Analog Output offset Ratio
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
VRATIOLx-
OFFSET
-80
-22
0.0
0.0
80
22
mV
Analog Inputs Matching
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
LXMATCHING
96
96
100
100
104
104
%
WINDOW WATCHDOG CONFIGURATION PIN (WDCONF)
External Resistor Range
REXT
20
–
200
k
Ω
Watchdog Period Accuracy with External Resistor (Excluding Resistor
Accuracy)(38)
WDACC
-15
–
15
%
ANALOG MULTIPLEXER
Internal Chip Temperature Sense Gain
STTOV
–
10.5
–
mV/K
VSENSE Input Divider Ratio (RATIOVSENSE = VVSENSE / VADOUT0)
5.5V < VSUP < 27V
RATIOVSENSE
5.0
5.25
5.5
VSENSE Output Related Offset
-40°C < TA < -20°C
OFFSETVSENSE
-30
-45
–
–
30
45
mV
ANALOG OUTPUTS (ADOUT0 AND ADOUT1)
Maximum Output Voltage
-5mA < IO < 5mA
VOUT_MAX
VDD -0.35
–
VDD
V
Minimum Output Voltage
-5mA < IO < 5mA
VOUT_MIN
0.0
–
0.35
V
Notes
36.
Analog multiplexer input disconnected from Lx input pin.
37.
Analog multiplexer input connected to Lx input pin.
38.
Watchdog timing period calculation formula: tPWD [ms] = 0.466 * (REXT - 20) + 10 (REXT in kΩ)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com