Electronic Components Datasheet Search
  English  ▼

X  

33912 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33912
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Test Circuit for Transient Test Pulses (LIN)
Figure 5. Test Circuit for Transient Test Pulses (Lx)
Figure 6. Test Circuit for LIN Timing Measurements
Note Waveform per ISO 7637-2. Test Pulses 1, 2, 3a, 3b.
LIN
TRANSIENT PULSE
PGND
GENERATOR
1.0nF
(NOTE)
GND
33912
LGND
AGND
L1, L2, L3, L4
Transient Pulse
PGND
Generator
1.0 nF
(Note)
10 k
Ω
Note Waveform per ISO 7637-2. Test Pulses 1, 2, 3a, 3b,.
GND
33912
LGND AGND
R0 AND C0 COMBINATIONS:
• 1.0K
Ω and 1.0nF
• 660
Ω and 6.8nF
• 500
Ω and 10nF
VSUP
TXD
RXD
LIN
R0
C0
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com