Electronic Components Datasheet Search
  English  ▼

X  

34726 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34726 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34726
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions; 2.7V
≤ VIN ≤5.5V, 0.8V ≤ VOUT ≤3.3V, -25oC ≤ TA ≤ 85oC, CIN = COUT = 4.7µF,
L1 = 4.7
µH (See Figure 1), unless otherwise noted. The typical specifications are measured at the following conditions;
TA = +25oC, VIN = 3.6V, fSW = 2.0MHz with the typical operating circuit (See Figure 1), unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
VIN
2.7
-
5.5
V
Output Voltage (Factory preset)
VOUT
0.8
-
3.3
V
Output Current
IOUT
300
-
-
mA
Total Supply Current(5)
Regulator disabled
IDIS
-
0.1
1.0
µA
Quiescent Current (Switching)
Sleepy Z-mode and ILOAD = 0mA
IQ
-
65
85
µA
Current Limit
Current rising at high side
IPK
-
450
-
mA
Output Voltage Accuracy (% of output voltage)
Over load and temperature
∆VOUT
-3%
-
3%
VOUT
UVLO Threshold(6)
VIN: 2.7 -5.5V
VIN rising
VIN falling
VUVLO
-
2.5
-
-
2.7
-
V
Enable Voltage
Regulator operating
Regulator shutdown
VEN
1.6
-
-
-
-
0.4
V
High Side Power MOSFET On Resistance
VIN = 3.6V, VOUT = 1.8V, TA = 40°C, ILOAD = 150mA
RDS(ON)H
-
250
-
m
Ω
Low Side Power MOSFET On Resistance
VIN = 3.6V, VOUT = 1.8V, TA = 40°C, ILOAD = 150mA
RDS(ON)L
-
350
-
m
Ω
Load Regulation
1mA < ILOAD < 300mA and VOUT = 1.8V
∆VOUT/∆IOUT
-
0.5
-
%
Line Regulation
VIN = 2.7V to 5.5V
∆VOUT/∆VIN
-
0.5
-
%
Start-up Overshoot (% of output voltage)
ILOAD = 0mA, VOUT = 1.8V and COUT = 4.7µF
VSTO
-
3%
-
VOUT
Thermal Shutdown Threshold (Junction Temperature)
TSTDN
-
140
-
°C
Thermal Shutdown Hysteresis (Junction Temperature)
THYSTR
-
10
-
°C
Notes
5.
Maximum IDIS measured at VIN = 3.6V and TA = 25°C.
6.
For a product with a VOUT of 3.3V and a VIN minimum less than 3.6V, the VOUT value will track (drop below 3.3V) VIN down to a value
of 2.5V, where the UVLO shutdown mechanism will activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com