Electronic Components Datasheet Search
  English  ▼

X  

34726 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34726 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34726
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 34726 is a high efficiency, synchronous, buck
regulator, utilizing a voltage mode control architecture with
feed forward. It is capable of providing a 300mA load current
for output voltages of 0.8V to 3.3V, from a single input voltage
rail between 2.7V and 5.5V.
In a buck converter, most of the losses at high output loads
are due to conduction losses in the power train, but at light
output loads, the conduction losses are reduced and most of
the losses become switching losses. Using Freescale’s Z-
mode architecture, the 34726, at light output loads, will
smoothly transition into a lower switching frequency, thus
improving its efficiency.
FUNCTIONAL PIN DESCRIPTION
SUPPLY VOLTAGE INPUT (VIN)
2.7V to 5.5V DC power input. Bypass with a 4.7
µF ceramic
capacitor as close as possible to the VIN and GND pins.
GROUND (GND)
Ground.
ENABLE (EN)
Active high enable input. EN is over-voltage protected to
6.0V, independent of the supply voltage. Drive with a logic
high signal (or connect to VIN) for normal operation. Drive
with a logic low signal, or connect to GND will disable the
34726.
FEEDBACK INPUT (FB)
Feedback of the output voltage.
SWITCHING NODE (SW)
This terminal connects to the output inductor. The node
internally connects the drain of both high side MOSFET and
low side MOSFET.
NO CONNECTION (NC)
Internally not connected. Connect to GND externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com