Electronic Components Datasheet Search
  English  ▼

X  

34726 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34726 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34726
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 10. CCM Switching Waveforms
VIN = 3.6V, VOUT = 1.8V and ILOAD = 150mA
Figure 11. Load Transient in Sleepy Z-ModeTM
VIN = 3.6V, ILOAD =1mA to 150mA
Figure 12. Load Transient in Z-ModeTM
VIN = 3.6V, ILOAD =10mA to 300mA
Figure 13. Load Transient in CCM
VIN = 3.6V, ILOAD = 150mA to 300mA
VOUT (1V/DIV)
VSW (2V/DIV)
IL (200mA/DIV)
Time: 500ns/DIV
VOUT (AC Coupled, 500mV/DIV)
VSW (2V/DIV)
ILOAD (100mA/DIV)
Time: 200
µs/DIV
VOUT (AC Coupled, 200mV/DIV)
VSW (2V/DIV)
ILOAD (200mA/DIV)
Time: 200
µs/DIV
VOUT (AC Coupled, 50mV/DIV)
VSW (2V/DIV)
ILOAD (100mA/DIV)
Time: 200
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com