Electronic Components Datasheet Search
  English  ▼

X  

34726 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34726
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Z-MODE OPERATION
The 34726 operates as a typical fixed frequency, PWM
regulator, at moderate to heavy load currents. As the load is
decreased, such that operation transitions from continuous
conduction mode (CCM) to discontinuous conduction mode
(DCM), the duty cycle is reduced until it approaches 85% of
the full load duty cycle. At this point the 34726 transitions into
Z-mode operation, where the Z-mode Factor is 0.85. In Z-
mode, the regulator skips pulses whenever the duty cycle is
below 85% of the CCM duty cycle. As the load decreases,
this pulse skipping reduces the switching frequency and the
switching losses thus improving efficiency. For example, if a
light load demanded a 30% duty cycle at 2.0MHz, with Z-
mode this same load will require only
(0.3/0.85)2 x 2.0MHz = 0.249MHz switching frequency,
hence switching losses will be reduced by almost ten fold.
Figure 15 illustrates the transition to and the exit from Z-
mode.
Figure 15. Z-mode Operation
SLEEPY Z-MODE OPERATION
To improve low current efficiency, the 34726 transitions
into the Sleepy Z-mode at load currents of approximately
1.0mA and lower. This is accomplished by powering down
internal circuit blocks to lower the device’s quiescent current.
Additionally, the oscillator frequency drops to 250kHz and the
low side switch is turned off to emulate the operation of an
asynchronous buck converter.
DETAILED FUNCTIONAL DEVICE OPERATION
OVER-CURRENT PROTECTION
The 34726 implements two layers of protection during
overload conditions. The first is a current limit feature to
prevent the device and external components from damage.
When the peak inductor current reaches the over-current
limit, nominally 450mA, the high side MOSFET turns off to
provide cycle by cycle protection. If the over-current condition
persists and the die temperature surpasses the over-
temperature protection (OTP) threshold, this second layer of
protection shuts down the device.
SHORT-CIRCUIT PROTECTION
When a short-circuit condition occurs on the output, typical
regulators will tend to operate at maximum duty cycle. This
condition can saturate the inductor and produce severe peak
currents, resulting in damage to the device. The 34726
avoids this scenario by detecting output voltages below 0.5V.
Upon detection, the part re-starts continuously until the short
circuit condition is removed, or the part surpasses its OTP
threshold.
PWM
Z Factor
SW
On Time
PWM_Ref.
VRAMP
VZERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com