Electronic Components Datasheet Search
  English  ▼

X  

34726 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34726 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34726
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 14. 34726 Functional Internal Block Diagram
INTEGRATED SUPPLY
INTERNAL REGULATOR AND REFERENCE
The internal regulator and reference block steps down the
high input voltage to lower voltage, to power all the internal
blocks, and provides the reference voltage for the other
internal blocks.
OSCILLATOR
The oscillator block provides 2.0MHz clock signal to the
controller.
CONTROLLER
THERMAL SHUTDOWN
The thermal shutdown block monitors the die temperature.
Once the die temperature reaches its threshold, this block
turns off the device to prevent the further die temperature
rise.
SOFT-START
The soft-start block controls the output voltage ramp after
the device is enabled, to limit the in-rush current. The start-up
time is internally set to approximately 2.0ms, and is
independent of input voltage, output voltage, or load current.
The soft-start sequence also occurs upon recovery from any
fault condition.
UVLO
The UVLO block monitors the input voltage. Once the
input voltage is lower than the falling threshold voltage, this
block turns off the device, to avoid unpredictable circuit
behavior.
CURRENT LIMIT
The current limit block monitors the inductor current. When
the peak inductor current reaches its current limit, this block
turns off the high side MOSFET, to prevent the device and
external components from damage.
POWER-MOSFET DRIVER
The power-MOSFET-driver block controls the phase of the
diver signals and enhances the drive capability of these
POWER-MOSFET
The power-MOSFET block contains two power
MOSFETs. One is a PMOS that passes the current from the
input to the output, and the other one is an NMOS that
provides the inductor current loop when PMOS is turned off.
MC34726 - Functional Block Diagram
Integrated Supply
Oscillator
MOSFET
Control
Integrated Supply
Internal Regulator & Reference
Control
Oscillator
Power MOSFET Driver
Undervoltage Lockout
Power MOSFET
Thermal Shutdown
Soft Start
Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com