Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Electrical Characteristics
Freescale Semiconductor
24
Table 15. AC Timing for SIU Outputs
No.
Characteristic
Value for Bus Speed in MHz
Units
Ref = CLKIN
Ref = CLKOUT
133
166
133
302
Minimum delay from the 50% level of the REFCLK for all signals
0.8
0.8
1.0
ns
31
PSDVAL/TEA/TA max delay from the 50% level of the REFCLK
rising edge
4.9
4.9
5.8
ns
32a
Address bus max delay from the 50% level of the REFCLK rising
edge
•
Multi-master mode (SIUBCR[EBM] = 1)
•
Single-master mode (SIUBCR[EBM] = 0)
5.5
4.2
5.5
3.9
6.4
5.1
ns
ns
32b
Address attributes: TT[0–1]/TBST/TSZ/GBL max delay from the 50%
level of the REFCLK rising edge
5.1
5.1
6.0
ns
32c
Address attributes: TT[2–4]/TC max delay from the 50% level of the
REFCLK rising edge
5.7
5.7
6.6
ns
32d
BADDR max delay from the 50% level of the REFCLK rising edge
4.2
4.2
5.1
ns
33a
Data bus max delay from the 50% level of the REFCLK rising edge
•
Data-pipeline mode
•
Non-pipeline mode
3.9
6.1
3.7
6.1
4.8
7.0
ns
ns
33b
DP max delay from the 50% level of the REFCLK rising edge
•
Data-pipeline mode
•
Non-pipeline mode
5.3
6.5
5.3
6.5
6.2
7.4
ns
ns
34
Memory controller signals/ALE/CS[0–4] max delay from the 50%
level of the REFCLK rising edge
4.2
3.9
5.1
ns
35a
DBG/BG/BR/DBB max delay from the 50% level of the REFCLK
rising edge
4.7
4.7
5.6
ns
35b
AACK/ABB/TS/CS[5–7] max delay from the 50% level of the
REFCLK rising edge
4.5
4.5
5.4
ns
Notes:
1.
Values are measured from the 50% level of the REFCLK rising edge to the 50% signal level and assume a 20 pF load except
where otherwise specified.
2.
The load for specification 30 is 10 pF. The load for the other specifications in this table is 20 pF. For a 15 pF load, subtract 0.3
ns from the listed value.
3.
The maximum bus frequency depends on the mode:
4.
In 60x-compatible mode connected to another MSC8126 device, the frequency is determined by adding the input and output
longest timing values, which results in the total delay for 20 pF output capacitance. You must also account for other
influences that can affect timing, such as on-board clock skews, on-board noise delays, and so on.
• In single-master mode, the frequency depends on the timing of the devices connected to the MSC8126.
• To achieve maximum performance on the bus in single-master mode, disable the DBB signal by writing a 1 to the
SIUMCR[BDD] bit. See the SIU chapter in the MSC8122 Reference Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com