Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Electrical Characteristics
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
27
2.5.5.3
DMA Data Transfers
Table 17 describes the DMA signal timing.
The DREQ
signal is synchronized with REFCLK. To achieve fast response, a synchronized peripheral should assert DREQ
according to the timings in Table 17. Figure 13 shows synchronous peripheral interaction.
Table 17. DMA Signals
No.
Characteristic
Ref = CLKIN
Ref = CLKOUT
(1.2 V only)
Units
Min
Max
Min
Max
37
DREQ set-up time before the 50% level of the falling edge of REFCLK
5.0
—
5.0
—
ns
38
DREQ hold time after the 50% level of the falling edge of REFCLK
0.5
—
0.5
—
ns
39
DONE set-up time before the 50% level of the rising edge of REFCLK
5.0
—
5.0
—
ns
40
DONE hold time after the 50% level of the rising edge of REFCLK
0.5
—
0.5
—
ns
41
DACK/DRACK/DONE delay after the 50% level of the REFCLK rising edge
0.5
7.5
0.5
8.4
ns
Figure 13. DMA Signals
REFCLK
DREQ
DONE
DACK/DONE/DRACK
37
38
40
39
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com