Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
35
2.5.10.2
MII Mode Timing
2.5.10.3 RMII Mode
Table 25. MII Mode Signal Timing
No.
Characteristics
Min
Max
Unit
803
ETHRX_DV, ETHRXD[0–3], ETHRX_ER to ETHRX_CLK rising edge set-up time
3.5
—
ns
804
ETHRX_CLK rising edge to ETHRX_DV, ETHRXD[0–3], ETHRX_ER hold time
3.5
—
ns
805
ETHTX_CLK to ETHTX_EN, ETHTXD[0–3], ETHTX_ER output delay
•1.1 V core
•1.2 V core
1
1
14.6
12.6
ns
ns
Figure 24. MII Mode Signal Timing
Table 26. RMII Mode Signal Timing
No.
Characteristics
1.1 V Core
1.2 V Core
Unit
Min
Max
Min
Max
806
ETHTX_EN,ETHRXD[0–1], ETHCRS_DV, ETHRX_ER to ETHREF_CLK rising
edge set-up time
1.6
—
2
—
ns
807
ETHREF_CLK rising edge to ETHRXD[0–1], ETHCRS_DV, ETHRX_ER hold
time
1.6
—
1.6
—
ns
811
ETHREF_CLK rising edge to ETHTXD[0–1], ETHTX_EN output delay.
3
12.5
3
11
ns
Figure 25. RMII Mode Signal Timing
Valid
ETHRX_CLK
ETHRX_DV
ETHRXD[0–3]
ETHTX_CLK
ETHRX_ER
ETHTX_EN
ETHTXD[0–3]
Valid
Valid
ETHTX_ER
803
804
805
Valid
ETHREF_CLK
ETHCRS_DV
ETHRXD[0–1]
ETHRX_ER
807
806
ETHTX_EN
ETHTXD[0–1]
Valid
Valid
811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com