Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
37
2.5.12
EE Signals
Figure 28 shows the signal behavior of the EE pins.
2.5.13
JTAG Signals
Figure 27. GPIO Timing
Table 29. EE Pin Timing
Number
Characteristics
Type
Min
65
EE0 (input)
Asynchronous
4 core clock periods
66
EE1 (output)
Synchronous to Core clock
1 core clock period
Notes:
1.
The core clock is the SC140 core clock. The ratio between the core clock and CLKOUT is configured during power-on-reset.
2.
Refer to Table 1-4 on page 1-6 for details on EE pin functionality.
Figure 28. EE Pin Timing
Table 30. JTAG Timing
No.
Characteristics
All
frequencies
Unit
Min
Max
700
TCK frequency of operation (1/(T
C ×
4); maximum 25 MHz)
0.0
25
MHz
701
TCK cycle time
40.0
—
ns
702
TCK clock pulse width measured at VM = 1.6 V
•High
•Low
20.0
16.0
—
—
ns
ns
703
TCK rise and fall times
0.0
3.0
ns
REFCLK
GPIO
(Output)
GPIO
(Input)
Valid
603
High Impedance
604
605
602
601
EE1 out
EE0 in
65
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com