Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
38
704
Boundary scan input data set-up time
5.0
—
ns
705
Boundary scan input data hold time
20.0
—
ns
706
TCK low to output data valid
0.0
30.0
ns
707
TCK low to output high impedance
0.0
30.0
ns
708
TMS, TDI data set-up time
5.0
—
ns
709
TMS, TDI data hold time
20.0
—
ns
710
TCK low to TDO data valid
0.0
20.0
ns
711
TCK low to TDO high impedance
0.0
20.0
ns
712
TRST assert time
100.0
—
ns
713
TRST set-up time to TCK low
30.0
—
ns
Note:
All timings apply to OnCE module data transfers as well as any other transfers via the JTAG port.
Figure 29. Test Clock Input Timing Diagram
Figure 30. Boundary Scan (JTAG) Timing Diagram
Table 30. JTAG Timing (continued)
No.
Characteristics
All
frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
701
702
703
703
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
VIH
VIL
Input Data Valid
Output Data Valid
705
704
706
707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com