Electronic Components Datasheet Search
  English  ▼

X  

PAM8303D Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8303D
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303D Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8303D Datasheet HTML 1Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 2Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Pin Configuration & Marking Information
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
,
Power Analog Microelectronics Inc
www.poweranalog.com
1
2
3
4
5
6
7
8
MSOP-8
Top View
1
2
3
4
5
6
7
8
P8303D
XXXXYW
DFN
Top View
X: Internal Code
Y: Year
W: Week
Pin Number
Pin name
Description
1
OUT+
Positive BTL output
2
PVDD
Power supply
3
VDD
Analog power supply
4
IN-
Negative differential input
5
IN+
Positive differential input
6
SD
Shutdown terminal ,active low
7
GND
Ground
8
OUT-
Negative BTL output
09/2008 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com