Electronic Components Datasheet Search
  English  ▼

X  

PAM8303D Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8303D
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303D Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8303D Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 10Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 11Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 12Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
9. Frequency Response
10. PSRR VS Frequency
-80
-30
-75
-70
-65
-60
-55
-50
-45
-40
-35
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
11. CMRR vs Frequency
12. Noise FFT
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
TT
T
-5
+5
-4
-3
-2
-1
+0
+1
+2
+3
+4
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Gain=0dB@1kHz
Po=400mW
Inputs ac-ground
V =3.6V, Vripp=100mVpp,
DD
-1 5 0
+0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
r
A
20
20 k
50
1 0 0
200
500
1 k
2k
5k
10 k
Hz
Inputs ac-ground
Typical Operating Characteristics
T =25 C, V =5V,
Gain=2V/V, unless otherwise noted
ADD
°
.
f=1kHz,
09/2008 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com