Electronic Components Datasheet Search
  English  ▼

X  

PAM8303D Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8303D
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303D Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8303D Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 10Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Typical Operating Characteristics
T =25 C, V =5V,
Gain=2V/V, unless otherwise noted
ADD
°
.
f=1kHz,
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
,
Power Analog Microelectronics Inc
0
10
20
30
40
50
60
70
80
90
100
0
0.511.5
2
Output Pow er (W)
1. Efficiency VS Output Power
V=5V
DD
V =3.6V
DD
2. Efficiency VS Output Power
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Pow er (W)
V=5V
DD
V =3.6V
DD
www.poweranalog.com
4. THD+N VS Output Power
Audio Precision
0.1
30
0.2
0.5
1
2
5
10
20
%
30m
3
50m
100m
200m
500m
1
2
W
3. THD+N VS Output Power
V =3.2V
DD
V =3.6V
DD
V =5.0V
DD
0.1
30
0.2
0.5
1
2
5
10
20
%
10m
4
20m
50m
100m
200m
500m
1
2
W
R=8
BW=22Hz ~22kHz
L
Ω
V =3.6V
DD
V =3.2V
DD
V =5.0V
DD
R=4
BW=22Hz ~22kHz
L
Ω
R=8
L
Ω
R=4
L
Ω
09/2008 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com