Electronic Components Datasheet Search
  English  ▼

X  

PAM8303D Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8303D
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303D Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8303D Datasheet HTML 1Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 2Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage ...........................................6.6V
Input Voltage.............................-0.3V to V +0.3V
Junction Temperature....................-40
to 125
Storage Temperature.....................-65°C to 150
Soldering Temperature....................
.
DD
°C
°C
°C
250°C,10 sec
Recommended Operating Conditions
Supply voltage Range........................
Ambient Operation Temperature.......-20
to 85
2.8V to 5.5V
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
°C
°C
Thermal Information
4
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
,
Power Analog Microelectronics Inc
www.poweranalog.com
Note: For the 9-pin CSP package, the thermal resistance is highly dependent on the PCB heat sink area.
For example, the
can equal to 195
/W with 50mm total area or 135
/W with 500mm area. When
using ground and power planes, the value is around 90
/W.
θ
ja
2
2
°C
°C
°C
Parameter
Symbol
Package
Maximum
Unit
WCSP 1.45x1.45
90-220
°C/W
MSOP
180
°C/W
Thermal Resistance
(Junction to ambient)
θJA
DFN 3x3
47.9
°C/W
MSOP
40
°C/W
Thermal Resistance
(Junction to case)
θJC
DFN 3x3
NA
°C/W
09/2008 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com