Electronic Components Datasheet Search
  English  ▼

X  

PAM8303D Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8303D
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303D Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8303D Datasheet HTML 1Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 2Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Electrical Characteristic
T =25 C,
A
°
V =5V, Gain=2V/V, R =L(33 H)+R+L(33 H), unless otherwise noted
DD
L
μμ
.
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.4
Symbol
Parameter
Test Conditions
MIM
TYP
MAX
UNIT
VDD
Supply Voltage
2.8
5.5
V
VDD=5.0V
2.85
3.0
VDD=3.6V
1.65
1.8
THD+N=10%,f=1kHz, R=4Ω
V
DD=3.2V
1.20
1.35
W
V
DD=5.0V
2.50
2.66
VDD=3.6V
1.15
1.3
THD+N=1%,f=1kHz, R=4Ω
VDD=3.2V
0.85
1
W
VDD=5.0V
1.65
1.8
VDD=3.6V
0.75
0.9
THD+N=10%,f=1kHz, R=8Ω
VDD=3.2V
0.55
0.7
W
VDD=5.0V
1.3
1.5
VDD=3.6V
0.55
0.72
Po
Output Power
THD+N=1%,f=1kHz, R=8Ω
VDD=3.2V
0.40
0.55
W
VDD=5.0V,Po=1W,R=8Ω
0.28
0.35
VDD=3.6V,Po=0.1W,R=8Ω
0.4
0.45
VDD=3.2V,Po=0.1W,R=8Ω
f=1kHz
0.55
0.6
%
VDD=5.0V,Po=0.5W,R=4Ω
0.2
0.25
VDD=3.6V,Po=0.2W,R=4Ω
0.35
0.4
THD+N
Total Harmonic
Distortion Plus Noise
V
DD=3.2V,Po=0.1W,R=4Ω
f=1kHz
0.5
0.55
%
f=217Hz
-63
-55
f=1kHz
-62
-55
PSRR
Power Supply Ripple
Rejection
VDD=3.6V, Inputs ac-grounded
with C=1μF
f=10kHz
-52
-40
Dyn
Dynamic Range
VDD=5V, THD=1%, R=8Ω
f=1kHz
85
95
dB
No A-weighting
50
100
Vn
Output Noise
Inputs ac-grounded
A-weighting
30
60
μV
CMRR
Common Mode
Rejection Ratio
VIC=100mVpp,f=1kHz
40
63
dB
(To Be Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com