Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 143Page - Renesas Technology Corp 38K2 Datasheet HTML 144Page - Renesas Technology Corp 38K2 Datasheet HTML 145Page - Renesas Technology Corp 38K2 Datasheet HTML 146Page - Renesas Technology Corp 38K2 Datasheet HTML 147Page - Renesas Technology Corp 38K2 Datasheet HTML 148Page - Renesas Technology Corp 38K2 Datasheet HTML 149Page - Renesas Technology Corp 38K2 Datasheet HTML 150Page - Renesas Technology Corp 38K2 Datasheet HTML 151Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 148 / 151 page
background image
REVISION HISTORY
38K2 GROUP DATA SHEET
Rev.
Date
Description
Page
Summary
(1/3)
1.0
7/6/01
1.1
7/19/01
First edition issued
Fig.24: VREFCON.....1: Low current mode
P41/ExDACK/TxD pin
P42/ExTC/SCLK pin
Fig.102: INT_CTR.....0 0 1: RxB_RDY
Some Features are revised: Power source voltage, Power dissipation, Operating
temperature range.
Fig.1: The design of top view is revised.
Table 1: The Function of Vcc, VccE and USBVREF is revised.
100D0M package is added.
Table 2: The product M38K29RFS is added.
Fig. 7: The description of system clock division ratio selection bits is revised.
The explanations from pages 25 to 30 are added.
Fig. 29: In (6) Endpoint 11 Bit name of EP11REQ is revised.
Fig. 31: The Function is revised.
Fig. 70: The Function is revised.
The explanations from pages 57 to 60 are added.
Fig. 106: Bit name of EXBIREQ. is revised:
Fig. 108: Note is added.
Fig. 109: Bit attributes are revised.
Fig. 114: Register symbol is revised.
The explanations of A-D converter are revised.
The voltages regarding RESET is revised.
The clock frequency regarding PLL is revised.
Fig. 144 is added.
The explanations of FLASH MEMORY MODE and Table 9 are revised.
The explanations of Microcomputer Mode and Boot Mode, and Fig.145 are revised.
The explanations of Operation speed are revised.
The explanations of (2) Parallel I/O Mode are revised.
The explanations of (3) Standard Serial I/O Mode are revised.
Table 12: The Function of VccE, CNVss, P10 to P15, P16 and P17 is revised.
Fig. 153: The descriptions of CE and SCLK are added.
Fig. 165: P16 (CE) is added.
The explanations of Instruction Execution Time are revised.
The explanations of Definition of A-D Conversion Accuracy is added.
26
64
68
1
2.0
2/14/02
3
5
9
25–30
31
32
50
57–60
75
76
78
90
93
94
98
99
100
103
110
111
112
113
124
125
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com