Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 143Page - Renesas Technology Corp 38K2 Datasheet HTML 144Page - Renesas Technology Corp 38K2 Datasheet HTML 145Page - Renesas Technology Corp 38K2 Datasheet HTML 146Page - Renesas Technology Corp 38K2 Datasheet HTML 147Page - Renesas Technology Corp 38K2 Datasheet HTML 148Page - Renesas Technology Corp 38K2 Datasheet HTML 149Page - Renesas Technology Corp 38K2 Datasheet HTML 150Page - Renesas Technology Corp 38K2 Datasheet HTML 151Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 150 / 151 page
background image
REVISION HISTORY
38K2 GROUP DATA SHEET
Rev.
Date
Description
Page
Summary
(3/3)
Power source voltage and reset input voltage of Standard and L version are indi-
cated.
Fig. 137:Reset release voltage of Standard and L version are indicated.
Table 10: Vcc of Standard and L version are indicated.
Tbale 13:Vcc of Standard and L version are indicated.
Fig. 154: Product name of L version is added. Vcc when connect to Vpp is revised.
Electrical characteristics of Standard and L version are indicated respectively (Those
of L version are indicated from page 137).
Table 18 to Tbale 23: Tytle: Vcc=3.00 to 5.25 V
→Vcc=4.00 to 5.25 V, Vcc when
system clock 6MHz is deleted, 2,4-divide mode when system clock 12MHz is de-
leted.
Vcc when system clock 8MHz
→Vcc when system clock ≤ 8MHz
USBVREF is deleted.
Table 19:Vcc conditions of f(XIN), f(XIN) or f(SYN), and f(
φ) are deleted. Data when
Vcc=3.00 to 4.00 V is deleted. Notes 4 is revised.
Table 20: Indications of Vcc and VccE in Test conditions are deleted. Data when
VI=VSS in IIL pull-up is deleted.
Table 21: Ranges of Vcc in Test conditions are deleted. Data when Vcc= 3.00 to
4.00 V is deleted. Typ. in normal mode are revised.
Timing requirements table when Vcc= 3.00 to 4.00 V is deleted.
Table 24 is added.
Switching characteristics table when Vcc= 3.00 to 4.00 V is deleted.
Table 26 is added.
Table 27: Tytle: Vcc=3.00 to 5.25 V
→Vcc 4.00 to 5.25V
Electrical characteristics and switching characteristics of L version are added.
Timing chart (2) to (6) are added.
93
99
112
113
129 --
129
130
131
132
134
135
136
137 --
149 --
2.3
10/09/02
3.0
10/15/06
Package names “64P6U-A”
→ “PLQP0064GA-A” revised
Package names “64P6Q-A”
→ “PLQP0064KB-A” revised
38K2 group (Standard) deleted
Fig. 137 revised
CLOCK GENERATING CIRCUIT; “No external resistor is needed .... resistor ex-
ists on-chip.”
→ “No external resistor is needed .... depending on conditions.)
Fig. 141; Pulled up added, NOTE added
Fig. 144 revised
NOTES ON USAGE; Power Source Voltage, USB Communication added
Package outline revised
All pages
93
96
97
127
154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com