Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 143Page - Renesas Technology Corp 38K2 Datasheet HTML 144Page - Renesas Technology Corp 38K2 Datasheet HTML 145Page - Renesas Technology Corp 38K2 Datasheet HTML 146Page - Renesas Technology Corp 38K2 Datasheet HTML 147Page - Renesas Technology Corp 38K2 Datasheet HTML 148Page - Renesas Technology Corp 38K2 Datasheet HTML 149Page - Renesas Technology Corp 38K2 Datasheet HTML 150Page - Renesas Technology Corp 38K2 Datasheet HTML 151Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 149 / 151 page
background image
REVISION HISTORY
38K2 GROUP DATA SHEET
Rev.
Date
Description
Page
Summary
(2/3)
The explanations are added: USB Port Pins, USBVREF pin Treatment and Electric
Characteristic Differences Between Mask ROM and Flash Memory Version MCUs.
Table 16: Operating temperature is revised.
Table 17: Measuring conditions, Power source voltage Vcc and Analog power source
voltage VccE are revised. Analog power source voltage USBVREF is
added.
Table 18: Measuring conditions, f(XIN) and Notes 1 and 2 are revised. [f(XIN) or
f(SYN)] and f(
φ) are added.
Table 19: Measuring conditions and some of VOH, VOL, VT+–VT- and IIL are re-
vised or added.
Table 20: The information are revised.
Table 21: Measuring conditions and IVREF are revised.
Tables 22 to 26: The information are revised or added.
Figures 168 and 169 are added.
The symbol “PRELIMINARY” is deleted from the header.
Some explanations of PLL CIRCUIT are deleted.
Table 12: Vcc apply voltage is revised.
Fig. 170: The symbols in SCLK and RxD are revised.
FEATURES: USB specification ver.1.1
→ Full-Speed USB2.0 specification
Power source voltage: Standard and L version are indicated respectively.
Power dissipation(at 3.3V): 45mW
→ 30mW
2. of Notes is deleted.
Fig. 1: Product name of L version is added.
Table 1: Vcc and USBREF are revised.
Fig. 4: L version is added.
Table 3 is added. Subsequent table numbers are changed.
Table 7: Key-on wake up is revised.
Fig. 25: Tytle: Vcc condition is added. Condensers are added.
Fig. 26 is added. Subsequent figure numbers are changed.
Fig. 30: EP00 transmit/receive byte number register
→EP00 byte number register,
EP10 transmit/receive byte number register
→EP10 byte number register,
EP11 transmit byte number register
→EP11 byte number register
Fig. 45: EP00 transmit/receive byte number register
→EP00 byte number register
Fig. 79: EP10 transmit/receive byte number register
→EP10 byte number register
Fig. 85: EP11 transmit byte number register
→EP11 byte number register
Fig. 89, Fig. 90: Capacitors and resistors are added.
Fig. 100: Function of bit 0 to bit 3 is revised.
2.0
2/14/02
127
128
129
130
131
132
133
134 to 136
136
All pages
94
112
137
1
3
5
16
27
31
39
54
56
59
67
2.1
2/18/02
2.2
3/05/02
2.3
10/09/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com