Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M30245
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 45Page - Renesas Technology Corp M30245 Datasheet HTML 46Page - Renesas Technology Corp M30245 Datasheet HTML 47Page - Renesas Technology Corp M30245 Datasheet HTML 48Page - Renesas Technology Corp M30245 Datasheet HTML 49Page - Renesas Technology Corp M30245 Datasheet HTML 50Page - Renesas Technology Corp M30245 Datasheet HTML 51Page - Renesas Technology Corp M30245 Datasheet HTML 52Page - Renesas Technology Corp M30245 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 266 page
background image
M30245 Group
Frequency Synthesizer Circuit
Rev.2.00
Oct 16, 2006
page 49 of 264
REJ03B0005-0200
Multiplier
Clock fVCO is a multiplied up version of clock fPIN (See Figure 1.27). The relationship between fVCO and
the clock (fPIN) input to the multiplier from the prescaler is as follows:
• fVCO = fPIN x 2(n+1) where n is the decimal equivalent of the value loaded in FSM.
• Setting FSM to 255 disables the multiplier and fVCO = fPIN.
Note 1: n must be chosen such that fVCO equals 48 MHz.
Note 2: Minimum fPIN is 1 MHz. Maximum fPIN is 12 MHz.
Figure 1.27. Frequency Synthesizer Multiply register (FSM)
Divider
Clock fSYN is a divided down version of clock fVCO (See Figure 1.28). The relationship between fSYN and the
clock (fVCO) input to the divider from the multiplier is as follows:
• fSYN = fVCO / 2(m+1) where m is the decimal equivalent of the value loaded in FSD.
NOTE: fSYN = fVCO / (m+1) when the divide by 3 option (bit 4 at address 03DB16) is set and when m = 2.
• Setting FSD to 255 disables the divider and fSYN = fVCO.
fPIN
FSM
fVCO
Dec(n)
Hex(n)
1 MHz
23
17
48.00 MHz
2 MHz
11
0B
48.00 MHz
4 MHz
5
05
48.00 MHz
6 MHz
3
03
48.00 MHz
8 MHz
2
02
48.00 MHz
12 MHz
1
01
48.00 MHz
MSB
7
LSB
0
Bit 6
Bit 1
Bit 0
Bit 2
Bit 5
Bit 4
Bit 3
Bit 7
Address: 03DD16
Access:
R/W
Reset:
FF16
fPIN x 2(n+1)
f VCO =
H
fVCO /2(m+1)
fSYN
fVCO
FSD
fSYN
Dec(m)
Hex(m)
48.00 MHz
2
02
8.00 MHz
48.00 MHz
2
02
16.00 MHz (Note)
MSB
7
LSB
0
Bit 6
Bit 1
Bit 0
Address: 03DF16
Access: R/W
Reset:
FF16
Bit 2
Bit 7
Bit 5
Bit 4
Bit 3
Note:
if FSCCR4 = 1 and m = 2
=
fVCO / (m+1)
fSYN =
H
127
7F
187.50 KHz
48.00 M z
1
01
12.00 MHz
48.00 M z
H3
03
48.00 M z
6.00 MHz
Figure 1.28. Frequency Synthesizer Divide register (FSD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com