Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M30245
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 1 Page - Renesas Technology Corp

  M30245 Datasheet HTML 1Page - Renesas Technology Corp M30245 Datasheet HTML 2Page - Renesas Technology Corp M30245 Datasheet HTML 3Page - Renesas Technology Corp M30245 Datasheet HTML 4Page - Renesas Technology Corp M30245 Datasheet HTML 5Page - Renesas Technology Corp M30245 Datasheet HTML 6Page - Renesas Technology Corp M30245 Datasheet HTML 7Page - Renesas Technology Corp M30245 Datasheet HTML 8Page - Renesas Technology Corp M30245 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 266 page
background image
Rev.2.00
Oct 16, 2006
page 1 of 264
M30245 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
REJ03B0005-0200
Rev.2.00
Oct 16, 2006
REJ03B0005-0200
M30245 Group
The M30245 group is a 16-bit microcomputer based on the M16C family core technology that uses a high
performance silicon gate CMOS process with an M16C/62 Series CPU core. It comes packaged in a 100-pin
molded plastic LQFP. They are single-chip USB peripheral microcontrollers that operate at Full Speed (12
Mbps) and are compliant with the Universal Serial Bus (USB) Version 2.0 specification. They also include many
built-in peripherals including: A/D converter, Timers, UARTs, Serial Sound Interface, I2C, DMAC, CRC and
more. These microcontrollers operate using sophisticated instructions featuring a high level of instruction effi-
ciency, making them capable of executing instructions at high speed.
Features
Number of instructions ................................ 91
Shortest instruction execution time ............. 62.5ns f(XIN)=16MHz, Vcc=3V with no wait
USB features: .............................................. Supports full-speed operation (12 Mbps)
3.25K programmable FIFO, 9 endpoints
Integrated transceiver
Conforms to USB V 2.0 Specification
Frequency synthesizer ................................ PLL for 48MHz clock
Memory capacity .......................................... 64K ROM / 5K RAM (M30245M8-XXXGP)
128K ROM / 10K RAM (M30245MC-XXXGP)
128K Flash /10K RAM (M30245FCGP)
Supply voltage ............................................. 3.0 to 3.6V (f(XIN)=16MHz)
Processor modes ....................................... Single chip, Memory expansion, Microprocessor
Interrupts ..................................................... 31 internal and 5 external interrupt sources
4 software interrupt sources
7 levels (including key input interrupt X 8)
Multifunction 16-bit timer ............................. 5 16-bit timers
Serial Communication ................................ 2 X 7/8/9, 2 X 7/8/9/16/24/32 bits
Configurable for synchronous or asynchronous mode,
Serial Sound Interface, I2C Bus
DMAC ........................................................... 4 channels
A/D Converter ............................................... 10 bits X 8 channels
CRC calculation circuit ................................ 2 polynomials with MSB/LSB selectable
Watchdog timer ........................................... 1 line
Key-on wake up ........................................... 8 inputs
Programmable I/O ....................................... 82 lines
AND flash control circuit .............................. Built-in
Clock-generating circuit .............................. 2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)


Similar Part No. - M30245

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30245 MITSUBISHI-M30245 Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30245 RENESAS-M30245 Datasheet
3Mb / 367P
RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
logo
Mitsubishi Electric Sem...
M30245F4-XXXFP MITSUBISHI-M30245F4-XXXFP Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F4-XXXGP MITSUBISHI-M30245F4-XXXGP Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F8-XXXFP MITSUBISHI-M30245F8-XXXFP Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com