Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M30245
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 82Page - Renesas Technology Corp M30245 Datasheet HTML 83Page - Renesas Technology Corp M30245 Datasheet HTML 84Page - Renesas Technology Corp M30245 Datasheet HTML 85Page - Renesas Technology Corp M30245 Datasheet HTML 86Page - Renesas Technology Corp M30245 Datasheet HTML 87Page - Renesas Technology Corp M30245 Datasheet HTML 88Page - Renesas Technology Corp M30245 Datasheet HTML 89Page - Renesas Technology Corp M30245 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 266 page
background image
M30245 Group
Universal Serial Bus
Rev.2.00
Oct 16, 2006
page 86 of 264
REJ03B0005-0200
USB Endpoint Enable Register
The USB Endpoint Enable Register, shown in Figure 1.53, is used to enable/disable an individual endpoint. EP0 is
always enabled and cannot be disabled by firmware. All endpoints are disabled after reset.
Figure 1.54. USB DMAx Request register (x=0 to 3)
Figure 1.53. USB Endpoint Enable register (USBEPEN)
Bit Symbol
Bit Name
Function
R W
Must always be "0"
Symbol
USBEPEN
Address
028E
16
When reset
0000
16
USB Endpoint Enable register
b7
(b15)
(b8)
b0
EP1_OUT
b7
b0
0 0000
EP1 OUT enable
0 : Disabled
1 : Enabled
O O
0
O O
EP1_IN
EP2_OUT
EP2_IN
EP3_OUT
EP3_IN
EP4_OUT
EP4_IN
EP1 IN enable
EP2 OUT enable
EP2 IN enable
EP3 OUT enable
EP3 IN enable
EP4 OUT enable
EP4 IN enable
Reserved
00
Bit Symbol
Bit Name
Function
R W
Must always be "0"
Symbol
USBDMAx (x=0 to 3)
Address
0290
16, 029216,
0294
16, 029616
When reset
0000
16
USB DMAx Request registers
b7
(b15)
(b8)
b0
DMAxRO
DMAxR1
DMAxR2
DMAxR3
DMAxR4
DMAxR5
DMAxR6
DMAxR7
DMAxR8
DMAxR9
b7
b0
0 000
EP0 IN FIFO write request select bit
EP1 IN FIFO write request select bit
EP2 IN FIFO write request select bit
EP3 IN FIFO write request select bit
EP4 IN FIFO write request select bit
EP0 OUT FIFO read request select bit
EP1 OUT FIFO read request select bit
EP2 OUT FIFO read request select bit
EP3 OUT FIFO read request select bit
EP4 OUT FIFO read request select bit
O O
Reserved
0
O O
0 : Not selected
1 : Selected
0
USB DMAx Request Register (x = 0 to 3)
The USB DMAx Request Register, shown in Figure 1.54, selects which USB EPx FIFO read/write requests are used as
the DMAC channels 0 to 3 request source. Each USB DMAx Request Registers should have only one bit set at any given
time. When multiple bits are set, no request is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com