Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M30245
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 24Page - Renesas Technology Corp M30245 Datasheet HTML 25Page - Renesas Technology Corp M30245 Datasheet HTML 26Page - Renesas Technology Corp M30245 Datasheet HTML 27Page - Renesas Technology Corp M30245 Datasheet HTML 28Page - Renesas Technology Corp M30245 Datasheet HTML 29Page - Renesas Technology Corp M30245 Datasheet HTML 30Page - Renesas Technology Corp M30245 Datasheet HTML 31Page - Renesas Technology Corp M30245 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 266 page
background image
M30245 Group
Processor Mode
Rev.2.00
Oct 16, 2006
page 28 of 264
REJ03B0005-0200
Figure 1.11. Memory map of each processor mode
Figure 1.12. Memory maps and chip-select areas
Bus Settings
The BYTE pin and bit 6 of the processor mode register 0 (address 000416) are used to change the bus
settings. Table 1.14 shows the factors used to change the bus settings.
Table 1.14. Switching bus settings
Single-chip mode
SFR area
Internal
RAM area
Inhibited
Internal
ROM area
Microprocessor mode
SFR area
Internal
RAM area
External
area
Internally
reserved area
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
External area :
Accessing this area allows
the user to access a device
connected externally to
the microcomputer.
0400016
Memory expansion mode
SFR area
Internal
RAM area
External
area
Internal
ROM area
Internally
reserved area
Internally
reserved area
M30245FCGP
02BFF16
E000016
M30245MC-XXXGP
02BFF16
E000016
M30245M8-XXXGP
F000016
017FF 16
Address XXXXX16
Type No.
Address YYYYY16
Microprocessor mode
SFR area
Internal RAM area
External area
Internal area reserved
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
Note 1: The memory maps in single-chip mode are omitted.
0800016
Memory expansion mode
SFR area
Internal RAM area
External area
Internal ROM area
Internal area reserved
Internal area reserved
CS3 (16Kbytes)
CS2 (128Kbytes)
CS1 (32Kbytes)
CS0
Memory expansion mode: 640K bytes
Microprocessor mode: 832K bytes
2800016
3000016
0400016
M30245FCGP
02BFF16
E000016
M30245MC-XXXGP
02BFF16
E000016
M30245M8-XXXGP
F000016
017FF 16
Address XXXXX16
Type No.
Address YYYYY16
Bus setting
Swit ching f actor
Switching external address bus width
b6 of processor mode register 0
Switching external data bus width
BYTE pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com