| Electronic Components Datasheet Search |
|
M30245 Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30245 Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 266 page ![]() M30245 Group Special Function Registers Rev.2.00 Oct 16, 2006 page 21 of 264 REJ03B0005-0200 Table 1.9. SFR Map (4) Address Register name Acronym Value after reset 02C016 USB EP2 OUT max packet size register EP2OMP 000016 02C116 02C216 USB EP2 OUT write count register EP2WC 000016 02C316 02C416 USB EP2 OUT FIFO configuration register EP2OFC 000016 02C516 02C616 USB EP3 OUT control/status register EP3OCS 000016 02C716 02C816 USB EP3 OUT max packet size register EP3OMP 000016 02C916 02CA16 USB EP3 OUT write count register EP3WC 000016 02CB16 02CC16 USB EP3 OUT FIFO configuration register EP3OFC 000016 02CD16 02CE16 USB EP4 OUT control/status register EP4OCS 000016 02CF16 02D016 USB EP4 OUT max packet size register EP4OMP 000016 02D116 02D216 USB EP4 OUT write count register EP4WC 000016 02D316 02D416 USB EP4 OUT FIFO configuration register EP4OFC 000016 02D516 02D616 02D716 02D816 USB reserved 02D916 USB reserved 02DA16 USB reserved 02DB16 USB reserved 02DC16 USB reserved 02DD16 USB reserved 02DE16 USB reserved 02DF16 USB reserved 02E016 USB EP0 IN FIFO EP0I 02E116 02E216 USB EP0 OUT FIFO EP0O 02E316 02E416 USB EP1 IN FIFO EP1I 02E516 02E616 USB EP1 OUT FIFO EP1O 02E716 02E816 USB EP2 IN FIFO EP2I 02E916 02EA16 USB EP2 OUT FIFO EP2O 02EB16 02EC16 USB EP3 IN FIFO EP3I 02ED16 02EE16 USB EP3 OUT FIFO EP3O 02EF16 02F016 USB EP4 IN FIFO EP4I 02F116 02F216 USB EP4 OUT FIFO EP4O 02F316 02F416 02F516 02F616 02F716 Flash memory control register 0 (Note 3) FMR0 0116 02F816 02F916 02FA16 02FB16 02FC16 02FD16 02FE16 02FF16 Note 1: The contents of other registers and RAM is undefined when the microcomputer is reset. The initial value must therefore be set. Note 2: Locations in the SFR area where nothing is assigned are reserved areas. Do not access these areas for read or write. Note 3: This register exists only in the flash memory version. Reserved Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |