Electronic Components Datasheet Search
  English  ▼

X  

M34286 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M34286
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286 Datasheet(HTML) 4 Page - Renesas Technology Corp

  M34286 Datasheet HTML 1Page - Renesas Technology Corp M34286 Datasheet HTML 2Page - Renesas Technology Corp M34286 Datasheet HTML 3Page - Renesas Technology Corp M34286 Datasheet HTML 4Page - Renesas Technology Corp M34286 Datasheet HTML 5Page - Renesas Technology Corp M34286 Datasheet HTML 6Page - Renesas Technology Corp M34286 Datasheet HTML 7Page - Renesas Technology Corp M34286 Datasheet HTML 8Page - Renesas Technology Corp M34286 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Rev.1.00
Aug 06, 2008
page 4 of 64
REJ03B0251-0100
4286 Group
PERFORMANCE OVERVIEW
Function
72
2.0 µs (f(XIN) = 4.0 MHz, system clock = f(XIN)/2, VDD = 3.0 V)
2048 words ✕ 9 bits
64 words ✕ 4 bits
Eight 1-bit I/O ports with the pull-down function and key-on wakeup function
3-bit I/O port with the pull-down function and key-on wakeup function
4-bit I/O port with the pull-down function and key-on wakeup function
1-bit output port; CMOS output
8-bit timer with a reload register
8-bit timer with two reload registers
4 levels (However, only 3 levels can be used when the TABP p instruction is executed)
CMOS silicon gate
20-pin plastic molded LSSOP (PLSP0020JB-A (20P2F-A))
–40 to 85 °C
1.8 V to 3.6 V
400 µA (VDD = 3 V, STCK=f(XIN)/8, f(XIN) = 4 MHz)
0.1 µA (Ta = 25 °C, VDD = 3 V)
Parameter
Number of basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
Timer
Subroutine nesting
Device structure
Package
Operating temperature range
Supply voltage
Power
dissipation
(typical value)
ROM
RAM
D0–D7
E0–E2
G0–G3
CARR
Timer 1
Timer 2
Active mode
RAM back-up mode
I/O
I/O
I/O
Output
PIN DESCRIPTION
Name
Power supply
Ground
System clock input
System clock output
I/O port D
I/O port E
I/O port G
Carrier wave output
for remote control
Input/Output
—
—
Input
Output
I/O
Output
Input
I/O
Output
Function
Connected to a plus power supply.
Connected to a 0 V power supply.
I/O pins of the system clock generating circuit. Connect a ceramic resonator
between pins XIN and XOUT. The feedback resistor is built-in between pins XIN
and XOUT.
1-bit I/O port. For input use, set the latch of the specified bit to “0.” When the built-
in pull-down transistor is turned on, the key-on wakeup function using “H” level
sense and the pull-down transistor become valid. The output structure is P-channel
open-drain.
2-bit (E0, E1) output port. The output structure is P-channel open-drain.
3-bit input port. For input use (E0, E1), set the latch of the specified bit to “0.”
When the built-in pull-down transistor is turned on, the key-on wakeup function
using “H” level sense and the pull-down transistor become valid. Port E2 has an
input-only port and has a key-on wakeup function using “H” level sense and pull-
down transistor.
4-bit I/O port. For input use, set the latch of the specified bit to “0.” The output structure
is P-channel open-drain. When the built-in pull-down transistor is turned on, the key-
on wakeup function using “H” level sense and pull-down transistor become valid.
Carrier wave output pin for remote control. The output structure is CMOS circuit.
Pin
VDD
VSS
XIN
XOUT
D0–D7
E0–E2
G0–G3
CARR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com