Electronic Components Datasheet Search
  English  ▼

X  

M34286 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M34286
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M34286 Datasheet HTML 25Page - Renesas Technology Corp M34286 Datasheet HTML 26Page - Renesas Technology Corp M34286 Datasheet HTML 27Page - Renesas Technology Corp M34286 Datasheet HTML 28Page - Renesas Technology Corp M34286 Datasheet HTML 29Page - Renesas Technology Corp M34286 Datasheet HTML 30Page - Renesas Technology Corp M34286 Datasheet HTML 31Page - Renesas Technology Corp M34286 Datasheet HTML 32Page - Renesas Technology Corp M34286 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
4286 Group
Rev.1.00
Aug 06, 2008
page 29 of 64
REJ03B0251-0100
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
AM (Add accumulator and Memory)
A n (Add n and accumulator)
000001010
0
0A
01010
0
An
11
11
––
Overflow = 0
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) to register
Grouping:
Arithmetic operation
Description: Adds the value n in the immediate field to
register A.
The contents of carry flag CY remains un-
changed.
Skips the next instruction when there is no
overflow as the result of operation.
A.
Stores the result in register A. The contents
of carry flag CY remains unchanged.
Operation:
(A)
(A) + (M(DP))
Operation:
(A)
n = 0 to 15
(A) + (M(DP))
AMC (Add accumulator, Memory and Carry)
000001011
0
0B
11
0/1
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) and carry flag
CY to register A. Stores the result in regis-
ter A and carry flag CY.
Operation:
(A)
(A) + (M(DP)) + (CY)
(CY)
Carry
B a (Branch to address a)
11a6
a5
a4
a3
a2
a1
a0
n3
n2
n1
n0
1a
11
–
–
Grouping:
Branch operation
Description: Branch within a page : Branches to address
a in the identical page.
Operation:
(PCL)
a6–a0
8
+a
–
MACHINE INSTRUCTIONS (INDEX BY ALPHABET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com