Electronic Components Datasheet Search
  English  ▼

X  

M34286 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M34286
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M34286 Datasheet HTML 8Page - Renesas Technology Corp M34286 Datasheet HTML 9Page - Renesas Technology Corp M34286 Datasheet HTML 10Page - Renesas Technology Corp M34286 Datasheet HTML 11Page - Renesas Technology Corp M34286 Datasheet HTML 12Page - Renesas Technology Corp M34286 Datasheet HTML 13Page - Renesas Technology Corp M34286 Datasheet HTML 14Page - Renesas Technology Corp M34286 Datasheet HTML 15Page - Renesas Technology Corp M34286 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Rev.1.00
Aug 06, 2008
page 12 of 64
REJ03B0251-0100
4286 Group
Fig. 13 Timers structure
(Note 1)
0
1
V10
CARRY
1
0
V11
Reload register R1 (8)
Timer 1 (8)
Register B
Register A
(T1AB)
(TAB1)
(Note 2)
T1F
SNZT1 instruction
Timer 1 underflow signal
(to port CARR)
Register A
Register A
Reload control circuit
(TAB2)
V22
Q
R
T
T2F
Register B
(T2AB)
Reload register R2L (8)
Timer 2(8)
Register B
(T2HAB)
Reload register R2H (8)
0
1
V20 (Note 1)
V21
0
1
(TAB2)
(T2AB)
CARRYD
(to port CARR)
T2F
V23
SNZT2
instruction
XIN
D
T
Q
R
V10
Carrier wave output control signal
V12
Port CARR
SCAR instruction
SQ
R
RCAR instruction
CAR flag
CARRY
(to timer 1)
Timer 1 underflow signal
(T2R2L)
(TAB1)
(Note 3)
1/2
Initializing signal
WRST instruction
System reset
INSTCK
(Note 4)
14-bit timer (WDT)
13
0
5
Initializing signal (Note 4)
WDF1 WDF2
Notes 1: Counting is stopped by clearing to “0.”
2: When the T1AB instruction is executed after V10 is set to “1,”
writing is performed only to reload register R1.
3: The data of reload register R2L set with the T2AB instruction
can be also written to timer 2 with the T2R2L instruction.
4: The initializing signal is output at reset or RAM back-up mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com