Electronic Components Datasheet Search
  English  ▼

X  

M34286 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M34286
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286 Datasheet(HTML) 5 Page - Renesas Technology Corp

  M34286 Datasheet HTML 1Page - Renesas Technology Corp M34286 Datasheet HTML 2Page - Renesas Technology Corp M34286 Datasheet HTML 3Page - Renesas Technology Corp M34286 Datasheet HTML 4Page - Renesas Technology Corp M34286 Datasheet HTML 5Page - Renesas Technology Corp M34286 Datasheet HTML 6Page - Renesas Technology Corp M34286 Datasheet HTML 7Page - Renesas Technology Corp M34286 Datasheet HTML 8Page - Renesas Technology Corp M34286 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Rev.1.00
Aug 06, 2008
page 5 of 64
REJ03B0251-0100
4286 Group
CONNECTIONS OF UNUSED PINS
(Note when connecting to VSS and VDD)
• Connect the unused pins to VSS or VDD at the shortest distance and use the thick wire against noise.
PORT FUNCTION
Control
bits
1 bit
Output:
2 bits
Input:
3 bits
4 bits
1 bit
Control
instructions
SD
RD
CLD
SZD
OEA
IAE
IAE
OGA
IAG
SCAR
RCAR
Control
registers
PU1, PU2
PU0
PU0
Output structure
P-channel open-drain
P-channel open-drain
P-channel open-drain
CMOS
Input/
Output
I/O
(8)
I/O
(2)
Input
(1)
I/O
(4)
Output
(1)
Remark
Pull-down function and
key-on wakeup function
(programmable)
Pull-down function and
key-on wakeup function
(programmable)
Pull-down function and
key-on wakeup function
(programmable)
Pin
D0–D7
E0
E1
E2
G0–G3
CARR
Port
Port D
Port E
Port G
Port CARR
DEFINITION OF CLOCK AND CYCLE
• System clock (STCK)
The system clock is the source clock for controlling this product.
It can be selected as shown below whether to use the
Oscillation dividing instruction.
CCK, CCK2, or CCK4 instruction can be executed only once.
After one of their instruction is executed once, the operation is
same as the NOP instruction though the same or another
frequency dividing instruction is executed.
The system clock returns to its initial state (f(XIN)/8) when
system is returnd from RAM back-up mode.
Pin
D0–D7
E0, E1
E2
G0–G3
CARR
Connection
Open (Set the output latch to “1” ).
Open (Set the output latch to “0” ).
Connect to VDD.
Open (Set the output latch to “1” ).
Open (Set the output latch to “0” ).
Connect to VDD.
Open.
Connect to VSS.
Open (Set the output latch to “1” ).
Open (Set the output latch to “0” ).
Connect to VDD.
Open.
Usage condition
Pull-down transistor OFF.
Pull-down transistor OFF.
Pull-down transistor OFF.
Pull-down transistor OFF.
Pull-down transistor OFF.
Pull-down transistor OFF.
System clock
f(XIN)/8
f(XIN)
f(XIN)/2
f(XIN)/4
Instruction clock
f(XIN)/32
f(XIN)/4
f(XIN)/8
f(XIN)/16
Oscillation dividing
instruction
No use
CCK used
CCK2 used
CCK4 used
• Instruction clock (INSTCK)
The instruction clock is a signal derived by dividing the system
clock by 4, and is the basic clock for controlling CPU. The one
instruction clock cycle is equivalent to one machine cycle.
• Machine cycle
The machine cycle is the cycle required to execute the
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com