Electronic Components Datasheet Search
  English  ▼

X  

M66592FP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M66592FP Datasheet HTML 35Page - Renesas Technology Corp M66592FP Datasheet HTML 36Page - Renesas Technology Corp M66592FP Datasheet HTML 37Page - Renesas Technology Corp M66592FP Datasheet HTML 38Page - Renesas Technology Corp M66592FP Datasheet HTML 39Page - Renesas Technology Corp M66592FP Datasheet HTML 40Page - Renesas Technology Corp M66592FP Datasheet HTML 41Page - Renesas Technology Corp M66592FP Datasheet HTML 42Page - Renesas Technology Corp M66592FP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 39 of 125
2.11 USB address((low-power recovery)
USB address/low-power status recovery register [RECOVER]
<Address: 50H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STSRECOV
USBADDR
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
-
-
0
0
-
-
0
0
-
-
0
?
?
?
?
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Name
Function
S/W
H/W
Note
15-11 Nothing is placed here. These should be fixed at “0”.
10-8 STSRECOV
Status recovery
Status recovery after the low-power sleep state
000: reserved
001: Full-Speed Default state
010: Full-Speed Address state
011: Full-Speed Configured state
100: reserved
101: Hi-Speed Default state
110: Hi-Speed Address state
111: Hi-Speed Configured state
R/W
R
3.1.5
*1)
7
Nothing is placed here. This should be fixed at "0".
6-0 USBADDR
USB address
USB address confirmation and recovery
R/W
R/W
3.1.5
*1)
«Note»
*1) When a recovery has been made from the low-power sleep state to the normal mode, the communication speed,
device state and USB address have to be returned to the values backed up bysoftware. “STSRECOV=x00”
should not be set.
2.12 USB request register
The USB request register is used to store setup requests for control transfers. The values of USB requests that
have been received are stored here.
USB request type register [USBREQ]
<Address: 54H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Brequest
bmRequestType
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Name
Function
S/W
H/W
Note
15-8 bRequest
Request
The USB request bRequest value is stored
here.
R
W
3.6.1
7-0 bmRequestType
Request type
The USB request bmRequestType is stored
here.
R
W
3.6.1
«Note»
None in particular



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com