Electronic Components Datasheet Search
  English  ▼

X  

M66592FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M66592FP Datasheet HTML 15Page - Renesas Technology Corp M66592FP Datasheet HTML 16Page - Renesas Technology Corp M66592FP Datasheet HTML 17Page - Renesas Technology Corp M66592FP Datasheet HTML 18Page - Renesas Technology Corp M66592FP Datasheet HTML 19Page - Renesas Technology Corp M66592FP Datasheet HTML 20Page - Renesas Technology Corp M66592FP Datasheet HTML 21Page - Renesas Technology Corp M66592FP Datasheet HTML 22Page - Renesas Technology Corp M66592FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 19 of 125
System configuration status register [SYSSTS]
<Address: 02H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LNST
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Bit
Name
Function
S/W
H/W
Note
15-2 Nothing is placed here. These should be fixed at “0”.
1-0 LNST
USB data line status
Please see the detailed explanation concerning
this item.
R
W
2.3.2
«
Notes»
None in particular
2.3.1
USB block operation enabled
The USBE bit of the SYSCFG register should be used to enable USB block operation.
The same bit can be used to carry out an S/W reset of the controller. When software is set to “USBE=0”, the
controller resets the register targeted for S/W reset initialization to the default setting value. As long as “USBE=0” is
set, no data can be written by software to the bit targeted for S/W reset initialization. “USBE=1” should be set
following an S/W reset to enable controller operation.
2.3.2
Line status monitor
Table 2.3 shows the USB data bus line statuses of the controller. The controller monitors the line status (D+ line
and D- line) of the USB data bus using the LNST bit of the SYSSTS register. The LNST bit is configured of two bits.
For the meaning of each of the bits, please refer to the table below. The timing at which the LNST bit becomes valid
differs depending on the selected controller function. In the normal operating state, the line status can be monitored
on an ongoing basis, but in the low-power sleep state, the line status cannot be monitored.
Table 2.3 USB data bus line statuses
LNST [1]
LNST [0]
During Full-Speed
operation
During Hi-Speed operation
During chirp operation
0
0
SE0
Squelch
Squelch
0
1
J State
not Squelch
Chirp J
1
0
K State
Invalid
Chirp K
1
1
SE1
Invalid
Invalid
Chirp:
The reset handshake protocol is being executed in the Hi-Speed operation enabled state (HSE = “1”).
Squelch:
SE0 or Idle state
not Squelch: Hi-Speed J state or Hi-Speed K state
Chirp J:
Chirp J state
Chirp K:
Chirp K state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com