| Electronic Components Datasheet Search |
|
HD404616FS Datasheet(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404616FS Datasheet(HTML) 59 Page - Renesas Technology Corp |
|
59 / 91 page ![]() HD404618 Series 57 Bit 3 Bit 2 Bit 1 Bit 0 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 $050 $051 $052 $053 $054 $055 $056 $057 $058 $059 $05A $05B $05C $05D $05E $05F COM4 COM3 COM2 COM1 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 Bit 3 Bit 2 Bit 1 Bit 0 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 $060 $061 $062 $063 $064 $065 $066 $067 $068 $069 $06A $06B $06C $06D $06E $06F COM4 COM3 COM2 COM1 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 Figure 36 Configuration of LCD RAM Area LCD Control Register (LCR: $013): Three-bit write-only register which controls LCD blanking, the turning on and off of the LCD’s power supply division resistor, and display in watch and subactive modes (see table 27). • Blank/display Blank: Segment signals are turned off regardless of LCD RAM data setting. Display: LCD RAM data is output as segment signals. • Power switch on/off Off: The power switch is off. On: The power switch is on and V 1 is VCC. • Watch/subactive mode display Off: In watch and subactive modes, all common and segment pins are grounded and the liquid crystal power switch is turned off. On: In watch and subactive modes, LCD RAM data is output as segment signals. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |