Electronic Components Datasheet Search
  English  ▼

X  

HD404616FS Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD404616FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404616FS Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD404616FS Datasheet HTML 81Page - Renesas Technology Corp HD404616FS Datasheet HTML 82Page - Renesas Technology Corp HD404616FS Datasheet HTML 83Page - Renesas Technology Corp HD404616FS Datasheet HTML 84Page - Renesas Technology Corp HD404616FS Datasheet HTML 85Page - Renesas Technology Corp HD404616FS Datasheet HTML 86Page - Renesas Technology Corp HD404616FS Datasheet HTML 87Page - Renesas Technology Corp HD404616FS Datasheet HTML 88Page - Renesas Technology Corp HD404616FS Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
HD404618 Series
83
Serial Interface Timing Characteristics (HD404612, HD404614, HD404616, HD404618: V
CC = 2.7 V
to 6.0 V; HD4074618: V
CC = 3.0 V to 5.5 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified)
During Transmit Clock Output
Item
Symbol
Pin(s)
Min
Typ
Max
Test Condition Unit
Notes
Transmit clock
cycle time
t
Scyc
SCK
1
—
—
Load shown in
figure 54
t
cyc /tsubcyc 1, 3
Transmit clock
high width
t
SCKH
SCK
0.5
—
—
Load shown in
figure 54
t
Scyc
1
Transmit clock
low width
t
SCKL
SCK
0.5
—
—
Load shown in
figure 54
t
Scyc
1
Transmit clock
rise time
t
SCKr
SCK
—
—
200
Load shown in
figure 54
ns
1
Transmit clock
fall time
t
SCKf
SCK
—
—
200
Load shown in
figure 54
ns
1
Serial output
data delay time
t
DSO
SO
—
—
500
Load shown in
figure 54
ns
1
Serial input data
setup time
t
SSI
SI
300
—
—
ns
1
Serial input data
hold time
t
HSI
SI
300
—
—
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com