Electronic Components Datasheet Search
  English  ▼

X  

HD404616FS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD404616FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404616FS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD404616FS Datasheet HTML 9Page - Renesas Technology Corp HD404616FS Datasheet HTML 10Page - Renesas Technology Corp HD404616FS Datasheet HTML 11Page - Renesas Technology Corp HD404616FS Datasheet HTML 12Page - Renesas Technology Corp HD404616FS Datasheet HTML 13Page - Renesas Technology Corp HD404616FS Datasheet HTML 14Page - Renesas Technology Corp HD404616FS Datasheet HTML 15Page - Renesas Technology Corp HD404616FS Datasheet HTML 16Page - Renesas Technology Corp HD404616FS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
HD404618 Series
11
0
1
2
3
Bit 3
Bit 2
Bit 1
Bit 0
IM0
(IM of
INT )
0
IF0
(IF of
INT )
0
RSP
(Reset SP bit)
IE
(Interrupt enable flag)
IMTA
(IM of timer A)
IFTA
(IF of timer A)
IM1
(IM of
INT )
1
IF1
(IF of
INT )
1
IMTC
(IM of timer C)
IFTC
(IF of timer C)
IMTB
(IM of timer B)
IFTB
(IF of timer B)
Not used
Not used
IMS
(IM of serial)
IFS
(IF of serial)
$000
$001
$002
$003
32
35
DTON
Direct transfer on flag
TGSP
(Tone generator
speed flag)
WDON
(Watchdog on flag)
LSON
(Low speed on flag)
Not Used
$020
$021
$023
IF: Interrupt request flag
IM: Interrupt mask
IE: Interrupt enable flag
SP: Stack pointer
Note:
Bits in the interrupt control bits area and register flag area are set by the SEM or SEMD
instruction, reset by the REM or REMD instruction, and tested by the TM or TMD instruction.
Other instructions have no effect.
Figure 3 Configuration of Interrupt Control Bits and Register Flag Areas
IF
RSP
WDON
TGSP
DTON
SEM/SEMD
REM/REMD
TM/TMD
Not executed
Allowed
Allowed
Not executed
Allowed
Inhibited
Allowed
Not executed
Inhibited
Allowed
Allowed
Inhibited
Not executed in active mode
Allowed
Allowed
Used in subactive mode
Note: WDON is always reset in active mode.
DTON is always reset in active mode.
If the TM or TMD instruction is executed for the inhibited bits or non-existing bits,
the value in ST becomes invalid.
Figure 4 Usage Limitations of RAM Bit Manipulation Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com