Electronic Components Datasheet Search
  English  ▼

X  

HD404616FS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD404616FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404616FS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD404616FS Datasheet HTML 3Page - Renesas Technology Corp HD404616FS Datasheet HTML 4Page - Renesas Technology Corp HD404616FS Datasheet HTML 5Page - Renesas Technology Corp HD404616FS Datasheet HTML 6Page - Renesas Technology Corp HD404616FS Datasheet HTML 7Page - Renesas Technology Corp HD404616FS Datasheet HTML 8Page - Renesas Technology Corp HD404616FS Datasheet HTML 9Page - Renesas Technology Corp HD404616FS Datasheet HTML 10Page - Renesas Technology Corp HD404616FS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
HD404618 Series
5
Pin Number
Pin Number
FP-80B
FP-80A,
TFP-80
Pin Name
I/O
FP-80B
FP-80A,
TFP-80
Pin Name
I/O
65
63
COM1
O
73
71
TONER
O
66
64
COM2
O
74
72
VT
ref
67
65
COM3
O
75
73
V
CC
68
66
COM4
O
76
74
OSC
1
I
69
67
V
1
77
75
OSC
2
O
70
68
V
2
78
76
RESET
I
71
69
V
3
79
77
D
0
I/O
72
70
TONEC
O
80
78
D
1
I/O
Note: I/O: Input/output pin, I: Input pin, O: Output pin
Pin Functions
Power Supply
V
CC: Apply power voltage to this pin.
GND: Connect to ground.
TEST: Used for test purposes only. Connect it to V
CC.
RESET: Resets the MCU.
Oscillators
OSC
1, OSC2:
Used as pins for the internal oscillator circuit. They can be connected to a ceramic
resonator, or OSC
1 can be connected to an external oscillator circuit.
X1, X2: Used for a 32.768-kHz crystal oscillator that acts as a clock.
Ports
D
0–D13 (D Port):
Input/output port addressable by individual bits. D
0–D9 are I/O pins and D10–D13 are
input pins. D
0–D 9 are high current output pins (15 mA, max.).
D
11–D13 are also available as voltage
comparators.
R0–R3 (R Ports): Input/output ports addressable in 4-bit units. R0
0, R01, R02, R31, R32, and R3 3, are
multiplexed with
SCK, SI, SO, TIMO, INT
0, and INT1, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com