Electronic Components Datasheet Search
  English  ▼

X  

HD404616FS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD404616FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404616FS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD404616FS Datasheet HTML 28Page - Renesas Technology Corp HD404616FS Datasheet HTML 29Page - Renesas Technology Corp HD404616FS Datasheet HTML 30Page - Renesas Technology Corp HD404616FS Datasheet HTML 31Page - Renesas Technology Corp HD404616FS Datasheet HTML 32Page - Renesas Technology Corp HD404616FS Datasheet HTML 33Page - Renesas Technology Corp HD404616FS Datasheet HTML 34Page - Renesas Technology Corp HD404616FS Datasheet HTML 35Page - Renesas Technology Corp HD404616FS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
HD404618 Series
30
LSON and DTON. The DTON flag can only be set in subactive mode; it is automatically reset after a
transition to active mode.
Subactive mode is an optional function that the user must specify on the function option list.
Interrupt Frame: In watch and subactive modes, Ø
CLK is supplied for timer A and the INT0 circuit.
Prescaler W and timer A operate as time bases to generate interrupt frame timing. Three interrupt frame
cycles (T) can be selected by the settings of the miscellaneous register, as shown in figure 14.
In watch and subactive modes, timer A and
INT
0 interrupts are generated in synchronism with the interrupt
frame. An interrupt request is generated at the interrupt strobe timing, except when the MCU enters active
mode from watch mode. The
INT
0 falling edge is acknowledged regardless of the interrupt frame, but the
interrupt is executed simultaneously with the next interrupt strobe. Timer A generates an overflow and
interrupt request at the timing of an interrupt strobe.
t RC
MIS: $00C
MIS1
MIS0
MIS2
Refer to
table 20
t
selection
RC
MIS
Bit 1
Bit 0
T
0
0
15.625 ms
0
0
1
1
1
0.24414 ms
62.5 ms
31.25 ms
0.24414 ms
7.8125 ms
0.12207 ms
*2
*1
Not used
400/800-kHz
ceramic oscillator
—
External clock input
Oscillation circuit
condition
*1
Notes: 1.
2.
The value of t
applies only when using a 32.768-kHz oscillator.
Only direct transfer.
RC
1
Figure 14 Miscellaneous Register
Direct Transfer: By controlling the DTON, the MCU would be placed directly from subactive to active
mode. The detailed procedure is as follows:
• Set the DTON flag in subactive mode while LSON = 0.
• Execute the STOP or SBY instruction.
• After the oscillation stabilization time (a fixed value), the MCU will move automatically from subactive
to active mode.
Note that DTON ($020, bit 3) is valid only in subactive mode. When the MCU is in active mode, this flag
is always at reset.
The transition time (t
D) from subactive to active mode is tRC < tD < T + tRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com