Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3822
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 45Page - Renesas Technology Corp 3822 Datasheet HTML 46Page - Renesas Technology Corp 3822 Datasheet HTML 47Page - Renesas Technology Corp 3822 Datasheet HTML 48Page - Renesas Technology Corp 3822 Datasheet HTML 49Page - Renesas Technology Corp 3822 Datasheet HTML 50Page - Renesas Technology Corp 3822 Datasheet HTML 51Page - Renesas Technology Corp 3822 Datasheet HTML 52Page - Renesas Technology Corp 3822 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Rev.1.20
Dec 24, 2003
page 49 of 57
3822 Group (A ver.)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17 (Note 2)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 2)
P00–P07, P10–P17 (Note 2)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 2)
P00–P07, P10–P17 (Note 3)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 3)
P00–P07, P10–P17 (Note 3)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 3)
–40
–40
40
40
–20
–20
20
20
–2
–5
(VCC = 1.8 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value
measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: When the A-D converter is used, refer to the recommended operating condition for A-D converter.
5: When using the microcomputer in low-speed mode, make sure that the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
6: Oscillation start voltage and oscillation start time depend on the oscillator, the circuit constant and temperature. Especially high-frequency oscillator
will require some conditions of oscillation.
“H” total peak output current
“H” total peak output current
“L” total peak output current
“L” total peak output current
“H” total average output current
“H” total average output current
“L” total average output current
“L” total average output current
“H” peak output current
“H” peak output current
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Unit
Typ.
Max.
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
5
10
–1.0
–2.5
mA
mA
mA
mA
mA
mA
“L” peak output current
“L” peak output current
“H” average output current
“H” average output current
“L” average output current
“L” average output current
Input frequency for timers X and Y
(duty cycle 50%)
IOL(avg)
f(CNTR0)
f(CNTR1)
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
kHz
(4.5 V
≤ VCC ≤ 5.5 V)
(4.0 V
≤ VCC ≤ 4.5 V)
(2.0 V
≤ VCC ≤ 4.0 V)
(VCC
≤ 2.0 V)
High-speed mode
(4.5 V
≤ VCC ≤ 5.5 V)
High-speed mode
(4.0 V
≤ VCC ≤ 4.5 V)
High-speed mode
(2.0 V
≤ VCC ≤ 4.0 V)
Middle-speed mode (Note 6)
(3.0 V
≤ VCC ≤ 5.5 V)
Middle-speed mode (Note 6)
(2.0 V
≤ VCC ≤ 5.5 V)
Middle-speed mode (Note 6)
32.768
Main clock input oscillation frequency
(duty cycle 50%)
(Note 4)
Sub-clock input oscillation frequency
(duty cycle 50%)
(Notes 5, 6)
f(XIN)
2.5
5.0
5.0
2 ✕ VCC – 4
VCC
5 ✕ VCC – 8
10.0
4 ✕ VCC – 8
2 ✕ VCC
10.0
8.0
6.0
50
Table 14 Recommended operating conditions (A version)
f(XCIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com